Part Number Hot Search : 
5101H1 SR180 HN2C10FT TPC6201 8M000 104KA SC198 2SD786
Product Description
Full Text Search
 

To Download ZPY43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZPY3.9 - ZPY100
VZ : 3.9 to 100V PD : 1.3W
FEATURES :
* Silicon planar zener diodes * For use in stabilizing and clipping circuits with high power rating. * Other tolerances are available upon request. * These diodes are also available in the MELF case with the type designation ZMY3.9 ... ZMY100. * Pb / RoHS Free
ZENER DIODES
DO - 41 Glass (DO-204AL)
0.102(2.6 )max.
1.00 (25.4) min.
Cathode Mark
0.173 (4.4) max.
0.034 (0.86)max.
1.00 (25.4) min.
MECHANICAL DATA :
Case: DO-41 Glass Case Weight: approx. 0.35g Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Power Dissipation Thermal Resistance Junction to Ambient Air Junction temperature Storage temperature range PD RJA TJ TS 1.3(1) 130
(1)
Symbol
Value
Unit
W C/W C C
175 -55 to + 175
Note: (1) Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Page 1 of 2
Rev. 03 : October 4, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
Zener Voltage (1) Type
(V) ZPY3.9 ZPY4.3 ZPY4.7 ZPY5.1 ZPY5.6 ZPY6.2 ZPY6.8 ZPY7.5 ZPY8.2 ZPY9.1 ZPY10 ZPY11 ZPY12 ZPY13 ZPY15 ZPY16 ZPY18 ZPY20 ZPY22 ZPY24 ZPY27 ZPY30 ZPY33 ZPY36 ZPY39 ZPY43 ZPY47 ZPY51 ZPY56 ZPY62 ZPY68 ZPY75 ZPY82 ZPY91 ZPY100 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.41 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 VZ @ IZT Min. Max. (V) 4.1 4.6 5 6.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.8 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 64 60 66 72 79 88 96 106
Test Current
IZT (mA) 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 10 5 5
Dynamic Resistance
at IZT, f = 1kHz rzj () 4 (< 7) 4 (< 7) 2 (< 5) 1 (< 2) 1 (< 2) 1 (< 2) 1 (< 2) 1 (< 2) 1 (< 2) 2 (< 4) 2 (< 4) 3 (< 7) 3 (< 7) 4 (< 9) 4 (< 9) 5 (< 10) 5 (< 11) 6 (< 12) 7 (< 13) 8 (< 14) 9 (< 15) 10 (< 20) 11 (<20) 25 (< 60) 30 (< 60) 35 (< 80) 40 (< 80) 45 (< 100) 50 (< 100) 60 (< 130) 65 (< 130) 70 (< 160) 80 (< 160) 120 (< 250) 130 (< 250)
Reverse Voltage at IR = 0.5A
VR (V) > 0.7 > 1.5 > 2.0 > 3.0 > 5.0 > 6.0 > 7.0 > 7.5 > 8.5 > 9.0 > 10 > 11 > 12 > 14 > 15 > 17 > 18 > 20 > 22.5 > 25 > 27 > 29 > 32 > 35 > 38 > 42 > 47 > 51 > 56 > 61 > 68 > 75
Admissible Zener Current
IZ (2) (mA) 290 280 250 215 200 190 170 155 140 130 120 105 97 88 79 71 66 62 56 52 47 41 36 33 30 28 26 23 21 19 16 15 14 12
Temp. coefficient of Zener Voltage vz(10-4 / C)
min. -7 -7 -7 -6 -3 -1 0 0 +3 +3 +5 +5 +5 +5 +5 +7 +7 +7 +7 +7 +7 +7 +7 +7 +8 +8 +8 +8 +8 +8 +8 +8 +8 +9 +9 max. +2 +3 +4 +5 +5 +6 +7 +7 +8 +8 +9 +10 +10 +10 +10 +11 +11 +11 +11 +12 +12 +12 +12 +12 +12 +13 +13 +13 +13 +13 +13 +13 +13 +13 +13
Notes: (1) Tested with pulses tp = 5 ms (2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case For devices in glass case DO-41 with higher Zener voltage but same power dissipation see types ZPU100 ... ZPU180
Page 2 of 2
Rev. 03 : October 4, 2005


▲Up To Search▲   

 
Price & Availability of ZPY43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X